Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
 

To Download STA506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/14 STA506 february 2006 1features minimum input output pulse width distortion 200m ? r dson complementary dmos output stage cmos compatible logic inputs thermal protection thermal warning output under voltage protection short circuit protection 2 description STA506 is a monolithic quad half bridge stage in mul- tipower bcd technology. the device can be used as dual bridge or reconfig- ured, by connecting config pin to vdd pin, as single bridge with double current capability, and as half bridge (binary mode) with half current capability. the device is particularly designed to make the out- put stage of a stereo all-digital high efficiency (ddx?) amplifier capable to deliver 60 + 60w @ thd = 10% at v cc 32v output power on 8 ? load and 80w @ thd = 10% at v cc 36v on 8 ? load in single btl configuration. in single btl configuration is also capable to deliver a peak of 120w @thd = 10% at v cc = 32v on 4 ? load. the input pins have threshold proportional to v l pin voltage. 40v 4a quad power half bridge figure 2. application circuit (dual btl) l18 22 h l19 22 h c30 1 f c20 100nf c99 100nf c101 100nf c107 100nf c106 100nf c23 470nf c55 1000 f c21 100nf c58 100nf c58 100nf r57 10k r59 10k r63 20 r98 6 r100 6 c53 100nf c60 100nf c31 1 f c52 330pf r104 20 c109 330pf 15 m3 in1a in1a v l config pwrdn pwrdn fault tri-state th_war th_war +3.3v in1b v dd v dd v ss v ss v cc sign v cc sign gnd-reg gnd-clean in2a in1b in2a in2b protections & logic regulators 29 23 24 25 27 26 28 30 21 22 33 34 35 36 m2 m5 m4 17 16 out1a gnd1a out1a v cc 1a 14 12 10 11 out1b gnd1b out1b v cc 1b 13 l113 22 h l112 22 h c32 1 f +v cc c108 470nf c33 1 f 7 m17 m15 m16 m14 8 9 out2a gnd2a out2a v cc 2a 6 4 2 3 out2b gnd2b d00au1148b out2b v cc 2b 5 19 31 20 gndsub 1 in2b 32 c110 100nf c111 100nf r103 6 r102 6 8 ? 8 ? rev. 6 fi gure 1. p ac k age table 1. order codes part number package STA506 powerso36 STA50613tr tape & reel powerso36
STA506 2/14 table 2. pin function pin n. pin name description 1 gnd-sub substrate ground 2 ; 3 out2b output half bridge 2b 4v cc 2b positive supply 5 gnd2b negative supply 6 gnd2a negative supply 7v cc 2a positive supply 8 ; 9 out2a output half bridge 2a 10 ; 11 out1b output half bridge 1b 12 v cc 1b positive supply 13 gnd1b negative supply 14 gnd1a negative supply 15 v cc 1a positive supply 16 ; 17 out1a output half bridge 1a 18 nc not connected 19 gnd-clean logical ground 20 gnd-reg ground for regulator v dd 21 ; 22 v dd 5v regulator referred to ground 23 vl logic reference voltage 24 config configuration pin 25 pwrdn stand-by pin 26 tri-state high-z pin 27 fault fault pin advisor 28 th-war thermal warning advisor 29 in1a input of half bridge 1a 30 in1b input of half bridge 1b 31 in2a input of half bridge 2a 32 in2b input of half bridge 2b 33 ; 34 v ss 5v regulator referred to +v cc 35 ; 36 v cc sign signal positive supply
3/14 STA506 table 3. functional pin status (*) : the pin is open collector. to have the high logic value, it needs to be pulled up by a resistor. (**): to put config = 1 means connect pin 24 (config) to pins 21, 22 (vdd) to implement single btl (mono mode) operation for high current. figure 3. pin connection pin name pin n. logical value ic -status fault 27 0 fault detected (short circuit, or thermal ..) fault (*) 27 1 normal operation tri-state 26 0 all powers in hi-z state tri-state 26 1 normal operation pwrdn 25 0 low absorpion pwrdn 25 1 normal operation thwar 28 0 temperature of the ic =130c thwar (*) 28 1 normal operation config 24 0 normal operation config (**) 24 1 out1a = out1b ; out2a=out2b (if in1a = in1b; in2a = in2b) gnd-sub out2b out2b v cc 2b gnd1b v cc 1a gnd1a out1a out1a gnd-reg v dd v dd config v ss v ss v cc sign v cc sign 18 16 17 15 6 5 4 3 2 21 22 31 32 33 35 34 36 20 1 19 n.c. gnd-clean d01au1273 out1b v cc 1b out1b pwrdn fault tri-state 9 8 7 28 29 30 out2a th_war 10 27 gnd2b out2a v cc 2a in1a in2b in1b 14 12 11 23 25 26 gnd2a in2a 13 24 v l
STA506 4/14 table 4. absolute maximum ratings table 5. (*) recommended operating conditions (*) performances not guaranteed beyond recommended operating conditions table 6. thermal data table 7. electrical characteristcs: refer to circuit in fig.1 (v l = 3.3v; v cc = 32v; r l = 8 ?; fsw = 384khz; t amb = 25c unless otherwise specified) symbol parameter value unit v cc dc supply voltage (pin 4,7,12,15) 40 v v max maximum voltage on pins 23 to 32 (logic reference) 5.5 v p tot power dissipation (t case = 70c) 50 w t op operating temperature range -40 to 90 c t stg , t j storage and junction temperature -40 to 150 c symbol parameter min. typ. max. unit v cc dc supply voltage 10 36.0 v v l input logic reference 2.7 3.3 5.0 v t amb ambient temperature 0 70 c symbol parameter min. typ. max. unit t j-case thermal resistance junction to case (thermal pad) 1.5 c/w t jsd thermal shut-down junction temperature 150 c t warn thermal warning temperature 130 c t hsd thermal shut-down hysteresis 25 c symbol parameter test conditions min. typ. max. unit r dson power pchannel/nchannel mosfet rdson id=1a 200 270 m ? i dss power pchannel/nchannel leakage idss v cc =35v 50 a g n power pchannel rdson matching id=1a 95 % g p power nchannel rdson matching id=1a 95 % dt_s low current dead time (static) see test circuit no.1; see fig. 3 10 20 ns dt_d high current dead time (dinamic) l=22 h; c = 470nf; r l = 8 ? id=3.5a; see fig. 5 50 ns t d on turn-on delay time resistive load 100 ns t d off turn-off delay time resistive load 100 ns t r rise time resistive load; as fig.3 25 ns t f fall time resistive load; as fig. 3 25 ns v cc supply voltage operating voltage 10 36 v v in-h high level input voltage v l /2 +300mv v
5/14 STA506 notes: 1. the following table explains the v low , v high variation with v l table 8. note 2: see relevant application note an1994 table 9. logic truth table (see fig. 4) v in-l low level input voltage v l /2 - 300mv v i in-h high level input current pin voltage = v l 1 a i in-l low level input current pin voltage = 0.3v 1 a i pwrdn-h high level pwrdn pin input current v l = 3.3v 35 a v low low logical state voltage vlow (pin pwrdn, tristate) (note 1) v l = 3.3v 0.8 v v high high logical state voltage vhigh (pin pwrdn, tristate) (note 1) v l = 3.3v 1.7 v i vcc- pwrdn supply current from vcc in power down pwrdn = 0 3 ma i fault output current pins fault -th-warn when fault conditions vpin = 3.3v 1 ma i vcc-hiz supply current from vcc in tri- state v cc = 30v; tri-state = 0 22 ma i vcc supply current from vcc in operation both channel switching) v cc =30v; input pulse width = 50% duty; switching frequency = 384khz; no lc filters; 50 ma i vcc-q isc (short circuit current limit) (note 2) 468a v uv undervoltage protection threshold 7 v t pw-min output minimum pulse width no load 70 150 ns v l v low min v high max unit 2.7 0.7 1.5 v 3.3 0.8 1.7 v 5 0.85 1.85 v tri-state inxa inxb q1 q2 q3 q4 output mode 0xxoffoffoffoffhi-z 1 0 0 off off on on dump 101offononoffnegative 1 1 0 on off off on positive 1 1 1 on on off off not used symbol parameter test conditions min. typ. max. unit
STA506 6/14 figure 4. test circuit. figure 5. figure 6. low current dead time = max(dtr,dtf) outxy vcc (3/4)vcc (1/2)vcc (1/4)vcc t dtf dtr duty cycle = 50% inxy outxy gnd +vcc m58 m57 r 8 ? + - v67 = vdc = vcc/2 d03au1458 inxa inxb +v cc q1 q3 q2 q4 outxa gnd outxb d00au1134 high current dead time for bridge application = abs(dtout(a)-dtin(a))+abs(dtout(b)-dtin(b)) +v cc rload=8 ? q2 outb dtout(b) dtin(b) dtout(a) c71 470nf c70 470nf c69 470nf iout=4.5a iout=4.5a q4 q1 q3 m64 inb m63 d03au1517 m58 ina m57 dtin(a) duty cycle=a duty cycle=b duty cycle a and b: fixed to have dc output current of 4.5a in the direction shown in figure l68 22 l67 22 outa
7/14 STA506 3 technical info: the STA506 is a dual channel h-bridge that is able to deliver more than 60w per channel (@ thd=10%) of audio output power in high efficiency. the STA506 converts both ddx and binary-controlled pwm signals into audio power at the load. it includes a logic interface , integrated bridge drivers, high efficiency mosfet outputs and thermal and short circuit protec- tion circuitry. in ddx mode, two logic level signals per channel are used to control high-speed mosfet switches to connect the speaker load to the input supply or to ground in a bridge configuration, according to the damped ternary modulation operation. in binary mode operation , both full bridge and half bridge modes are supported. the STA506 includes over- current and thermal protection as well as an under-voltage lockout with automatic recovery. a thermal warning status is also provided. figure 7. STA506 block diagram full-bridge ddx ? or binary modes figure 8. STA506 block diagram binary half-bridge mode 3.1 logic interface and decode: the STA506 power outputs are controlled using one or two logic level timing signals. in order to provide a proper logic interface, the vbias input must operate at the dame voltage as the ddx control logic supply. 3.2 protection circuitry: the STA506 includes protection circuitry for over-current and thermal overload conditions. a thermal warning pin (pin.28) is activated low (open drain mosfet) when the ic temperature exceeds 130c, in advance of the thermal shutdown protection. when a fault condition is detected , an internal fault signal acts to immediately disable the output power mosfets, placing both h-bridges in high impedance state. at the same time an open- drain mosfet connected to the fault pin (pin.27) is switched on. there are two possible modes subsequent to activating a fault: logic i/f and decode left h-bridge protection circuitry inl[1:2] inr[1:2] pwrdn outpl fault vl tri-state outnl outpr outnr twarn regulators right h-bridge logic i/f and decode lefta ?-bridge protection circuitry inl[1:2] inr[1:2] pwrdn outpl fault vl tri-state outnl outpr outnr twarn regulators righta ?-bridge leftb ?-bridge rightb ?-bridge
STA506 8/14 ? 1) shutdown mode : with fault (pull-up resistor) and tri-state pins independent, an activated fault will disable the device, signaling low at the fault output. the device may subsequently be reset to normal operation by toggling the tri-state pin from high to low to high using an external logic signal. ? 2) automatic recovery mode: this is shown in the application circuit of fig.1. the fault and tri-state pins are shorted together and connected to a time constant circuit com- prising r59 and c58. an activated fault will force a reset on the tri-state pin causing normal operation to resume fol- lowing a delay determined by the time constant of the circuit. if the fault condition is still present , the circuit operation will continue repeating until the fault condition is removed . an increase in the time constant of the circuit will produce a longer recovery interval. care must be taken in the overall system design as not to exceed the protection thesholds under normal operation. 3.3 power outputs: the STA506 power and output pins are duplicated to provide a low impedance path for the device's bridged outputs . all duplicate power, ground and output pins must be connected for proper operation. the pwrdn or tri-state pins should be used to set all mosfets to the hi-z state during power-up until the logic power supply, v l , is settled. 3.4 parallel output / high current operation: when using ddx mode output , the STA506 outputs can be connected in parallel in order to increase the output current capability to a load. in this configuration the STA506 can provide 80w into 8 ohm or up to 120w into 4ohm. this mode of operation is enabled with the config pin (pin.24) connected to vreg1 and the inputs combined inla=inlb, inra=inrb and the outputs combined outla=otlb, outra=outrb. 3.5 additional informations: output filter: a passive 2nd-order passive filter is used on the STA506 power outputs to reconstruct an analog audio signal . system performance can be significantly affected by the output filter design and choice of passive components. a filter design for 6ohm/8ohm loads is shown in the typical application circuit of fig.1. figure 9 shows a filter design suitable for 4ohm loads. figure 10 shows a filter for ? bridge mode , 4 ohm loads. power dissipation & heat sink requirements: the power dissipated within the device will depend primarily on the supply voltage, load impedance and output modulation level. the powerso36 package of the STA506 includes an exposed thermal slug on the top of the device to provide a direct thermal path from the ic to the heatsink. careful consideration must be given to the overall thermal design . see figure 8 for power derating versus slug temperature using different heatsinks and considering the rth-jc =1.5c/w.
9/14 STA506 figure 9. STA506 power derating curve figure 10. typical single btl configurationto obtain 120w @ thd 10%, r l = 4 ? , v cc = 32v (note 1)) note: 1. "a pwm modulator as driver is needed . in particular, this result is performed using the sta30x+sta50x demo board". peak pow- er for t 1sec 0 10 20 30 40 50 60 0 20 40 60 80 100 120 140 160 1 ? infinite 2- 1.5c/w 3- 3 c/w 4- 4 c/w 2 3 1 4 slug temperature c pdiss(w) 10 h 10 h 100nf film 100nf x7r 100nf x7r 1 f x7r 2200 f 63v 470nf film 100nf film 100nf 10k 10k 6.2 1/2w 6.2 1/2w 100nf x7r 100nf x7r add. in1a in1a v l config pwrdn npwrdn fault tri-state th_war th_war +3.3v 100nf 100nf x7r in1b v dd v dd v ss v ss v cc sign v cc sign gnd-reg gnd-clean in1b in2a 29 23 n.c. 24 25 27 26 28 30 21 22 33 34 35 36 17 16 18 out1a gnd1b out1a v cc 1b 10 13 11 out1b gnd1a out1b 14 32v 330pf 22 ? 1/2w 4 ? gnd2a 6 2 12 v cc 1a 15 v cc 2b 4 v cc 2a 7 3 out2b gnd2b d03au1514 out2b 5 19 31 20 gndsub 1 in2b 32 8 9 out2a out2a 1 f x7r 32v
STA506 10/14 figure 11. typical quad half bridge configuration for more information refer to the application notes an1456 and an1661 l11 22 h l12 22 h c51 1 f c71 100nf c91 1 f c81 100nf c31 820 f c21 2200 f c58 100nf c58 100nf r57 10k r59 10k r41 20 r61 5k r62 5k r51 6 c53 100nf c60 100nf c61 100nf 15 m3 in1a in1a v l config pwrdn pwrdn fault tri-state th_war th_war +3.3v in1b v dd v dd v ss v ss v cc sign v cc sign gnd-reg gnd-clean in2a in1b in2a in2b protections & logic regulators 29 23 24 25 27 26 28 30 21 22 33 34 35 36 m2 m5 m4 17 16 outpl pgnd1p outpl v cc 1p 14 12 10 11 outnl pgnd1n outnl v cc 1n 13 c52 1 f +v cc c62 100nf 7 m17 m15 m16 m14 8 9 outpr pgnd2p outpr v cc 2p 6 4 2 3 outnr pgnd2n d03au1474 outnr v cc 2n 5 19 31 20 gndsub 1 in2b 32 c72 100nf c92 1 f c82 100nf r52 6 c41 330pf r42 20 c42 330pf c32 820 f l13 22 h l14 22 h c73 100nf c93 1 f c83 100nf c33 820 f r43 20 r53 6 c74 100nf c94 1 f c84 100nf r54 6 c43 330pf r44 20 c44 330pf c34 820 f r63 5k r64 5k r65 5k r66 5k r67 5k r68 5k 4 ? 4 ? 4 ? 4 ?
11/14 STA506 figure 12. thd+n vs frequency figure 13. output power vs vsupply figure 14. thd+n vs output power figure 15. thd+n vs output power figure 16. thd+n vs output powerrevision 0.01 1 0.02 0.05 0.1 0.2 0.5 % 20 20k 50 100 200 500 1k 2k 5k 10k hz t vcc=32v rl=8ohm 0.01 1 0.02 0.05 0.1 0.2 0.5 % 20 20k 50 100 200 500 1k 2k 5k 10k hz t vcc=32v rl=8ohm 10 80 20 30 40 50 60 70 po(w ) +14 +36 +16+18+20+22+24+26+28+30+32+34 vsupply (v) rl =8ohm f=1khz thd=1% thd=10% 10 80 20 30 40 50 60 70 po(w ) +14 +36 +16+18+20+22+24+26+28+30+32+34 vsupply (v) rl =8ohm f=1khz thd=1% thd=10% 0. 01 10 0. 02 0. 05 0.1 0.2 0.5 1 2 5 thd( %) 100m 80 200m 500m 1 2 5 10 20 50 pout(w) vcc=34v rl=8ohm f=1khz 0. 01 10 0. 02 0. 05 0.1 0.2 0.5 1 2 5 thd( %) 100m 80 200m 500m 1 2 5 10 20 50 pout(w) vcc=34v rl=8ohm f=1khz 0.01 10 0. 02 0. 05 0.1 0.2 0.5 1 2 5 100m 80 200m 500m 1 2 5 10 20 50 vcc=36v rl=8ohm f=1khz thd(% ) pout(w) 0.01 10 0. 02 0. 05 0.1 0.2 0.5 1 2 5 100m 80 200m 500m 1 2 5 10 20 50 vcc=36v rl=8ohm f=1khz thd(% ) pout(w) 0.01 10 0.02 0.05 0.1 0.2 0.5 1 2 5 100m 80 200m 500m 1 2 5 10 20 50 pout(w) thd(%) vcc=32v rl=8ohm f=1khz 0.01 10 0.02 0.05 0.1 0.2 0.5 1 2 5 100m 80 200m 500m 1 2 5 10 20 50 pout(w) thd(%) vcc=32v rl=8ohm f=1khz
STA506 12/14 figure 17. powerso36 (slug up) mechanical data & package dimensions outline and mechanical data m. mm inch min. typ. max. min. typ. max. a 3.25 3.43 0.128 0.135 a2 3.1 3.2 0.122 0.126 a4 0.8 1 0.031 0.039 a5 0.2 0.008 a1 0.030 -0.040 0.0011 -0.0015 b 0.22 0.38 0.008 0.015 c 0.23 0.32 0.009 0.012 d 15.8 16 0.622 0.630 d1 9.4 9.8 0.37 0.38 d2 1 0.039 e 13.9 14.5 0.547 0.57 e1 10.9 11.1 0.429 0.437 e2 2.9 0.114 e3 5.8 6.2 0.228 0.244 e4 2.9 3.2 0.114 1.259 e0.65 0.026 e3 11.05 0.435 g 0 0.075 0 0.003 h 15.5 15.9 0.61 0.625 h 1.1 0.043 l 0.8 1.1 0.031 0.043 n 10? 10? s8?8? (1) ?d and e1? do not include mold flash or protusions. mold flash or protusions shall not exceed 0.15mm (0.006?) (2) no intrusion allowed inwards the leads. di powerso36 (slug up) 7183931 d
13/14 STA506 table 10. revision history date revision description of changes december 2003 1 first issue april 2004 2 inserted technical info and graphics april 2004 3 small changes in pag 4 and 5 june 2004 4 note 2: see relevant application note an1994 november 2004 5 changed vcc from 9 min to 10 min february 2006 6 changed t op value on table 4.
14/14 STA506 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorize representative of st, st products are not designed, authorized or warranted for use in military, air craft, space, life saving, or life sustaining applications, nor in products or systems, where failure or malfunction may result in personal injury, death, or severe property or environmental damage. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2006 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STA506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X